Part Number Hot Search : 
MC3488AD WH125FU 106M4X7 DMC40218 LU024 CC0805 T6A60 ISOPAC01
Product Description
Full Text Search
 

To Download R25-11D10-12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  38 nte electronics, inc. voice (973) 748 ? 5089 fax (973) 748 ? 6224 http://www.nteinc.com features epoxy sealed for wave soldering & cleaning upright package type suitable for 5mm grid pattern immersion proof spst ? no, 1 form ?a? spdt, 1 form ?c? dpdt, 2 form ?c? ac operated nte type no. nom. voltage contact arr. coil res. ohms (typ) nom. power max. contact cur. @ 28vdc or 120vac diag no. r25 ? 5a16 ? 24 24vac spdt 280 ? 16a d39a r25 ? 5a16 ? 120 120vac spdt 5600 ? 16a d39a r25 ? 11a10 ? 24 24vac dpdt 280 ? 10a d39a r25 ? 11a10 ? 120 120vac dpdt 5600 ? 10a d39a dc operated r25 ? 1d16 ? 5/6 5/6vdc spst ? no 68 500mw 16a d39b r25 ? 1d16 ? 12 12vdc spst ? no 270 500mw 16a d39b r25 ? 1d16 ? 24 24vdc spst ? no 1100 500mw 16a d39b r25 ? 1d16 ? 48 48vdc spst ? no 4200 500mw 16a d39b r25 ? 5d16 ? 5/6 5/6vdc spdt 68 500mw 16a d39a r25 ? 5d16 ? 12 12vdc spdt 270 500mw 16a d39a r25 ? 5d16 ? 24 24vdc spdt 1100 500mw 16a d39a r25 ? 5d16 ? 48 48vdc spdt 4200 500mw 16a d39a r25 ? 11d10 ? 5/6 5/6vdc dpdt 68 500mw 10a d39a r25 ? 11d10 ? 12 12vdc dpdt 270 500mw 10a d39a r25 ? 11d10 ? 24 24vdc dpdt 1440 400mw 8a d83b r25 ? 11d10 ? 48 48vdc dpdt 4200 500mw 10a d39a accessories mounting styles description nte type no. pc mount 8 ? pin r95 ? 132 din rail mount 8 ? pin r95 ? 131 r25 series 8 amp, 10 amp & 16 amp pc mountable relays. 1.002 (25.5) max 1.002 (25.5) max .600 (15.24) d39a .100 (2.54) .300 (7.62) .130 (3.3) .094 (2.4) .200 (5.08) .200 (5.08) .300 (7.62) .130 (3.3) .094 (2.4) .200 (5.08) d39b .100 (2.54) .800 (20.32) 1.140 (29.0) max 1.140 (29.0) max .618 (15.7) .146 (3.7) 1.142 (29.0) .500 (12.7) .299 (7.6) .197 (5.0) .051 (1.3) dia .590 (15.0) .197 (5.0) d83b electrical specifications contact rating resistive load: 16 amp @ 250/440 vac, 10 amp @ 250/440 vac, 8 amp @ 240vac ** contact material: agcdo, agni ** coil coil voltages: see chart pick ? up voltage: 80% of rated voltage drop ? out voltage: 10% of rated voltage, 15% of rated voltage ** resistance: see chart nominal power: see chart operational characteristics timing values operate time: approx 8 ms, 20ms ** . . . . . release time: approx 5 ms, 10ms ** max switching rate: 20 operations per second insulation characteristics dielectric strength contact to coil: 4000 vrms, 5000 vrms ** across open contacts: 1000 vrms, 2500vrms ** environmental characteristics operating: ? 40 c to +70 c mechanical life: 30 x 10 6 operations min, 5,000,000 operations ** weight std: 18 gram approx., 10 gram approx. ** ** r25 ? 11d10 ? 24 only


▲Up To Search▲   

 
Price & Availability of R25-11D10-12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X